PART |
Description |
Maker |
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
TDA4863-2 TDA4863-2G Q67040-S4620 Q67040-S4621 |
Power Control ICs - PFC-IC for high Output Power in SMD-Package Power Factor Controller IC for High Power Factor and Low THD
|
INFINEON[Infineon Technologies AG]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
T1G4012036-FL-15 |
120W Peak Power, 24W Average Power, 36V DC ?3.5 GHz, GaN RF Power Transistor
|
TriQuint Semiconductor
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
2SC5935P 2SC5935 2SC5935Q |
Power Device - Power Transistors - General-Purpose power amplification SILICON NPN TRIPLE DIFFUSION PLANAR TYPE
|
Panasonic Semiconductor
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|
2SA2067 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1252A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1254 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB0936 2SB0936A 2SB936 2SB936A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|